Part Number Hot Search : 
F130410 1SMB10 CC2540 B1021RW 2SA1773 R4008 78M18 TLP3914
Product Description
Full Text Search
 

To Download PE-65378 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12220 world trade drive, san diego, california 92128 ? tel 619-674-8100 ? fax 619-674-8262 ? http://www.pulseeng.com t609.a (5/96) 1 transformer selection guide for siemens telecom ics transformers, hybrids and common mode chokes specifically matched to siemens transceiver ics applications include isdn-bri s and u interfaces, isdn-pri/t1/e1 and isdn u po safety agency approvals for most models surface mount and through hole models table a: packaging information transformer selection guide bh an iu-3 sc package type part weight parts/tube parts/tray parts/reel reel diameter tape width pitch la smt 2 grams 30 60 250 13 inches 24 mm 24 mm pa-2 smt 4 grams 35 C 150 13 inches 32 mm 24 mm sc smt 7 grams 20 50 150 13 inches 44 mm 24 mm sh-3 smt 0.2 grams 60 C 1500 13 inches 16 mm 12 mm sh-4 smt 0.3 grams 25 C 1500 13 inches 24 mm 12 mm bh smt 1 gram 40 C 600 13 inches 24 mm 12 mm an smt 4.0 grams 30 C 250 13 inches 32 mm 24 mm dp-14sm smt 1.5 grams 25 C C C C C dp-14th tht 1.5 grams 25 C C C C C id tht 7 grams 20 C C C C C in tht 2.5 grams 35 C C C C C is tht 4 grams 35 C C C C C vc tht 3.5 grams 40 C C C C C wd tht 9 grams 25 C C C C C hc tht 1.2 grams 60 C C C C C iu-3 tht 14 grams C 45 C C C C tht tht tht tht smt smt smt ic chip application ratio single 3kv single vertical dual single dual ext temp package dual peb 2080 isdn-s 1:2 pe-64995 pe-68995 pe-68975 pe-65495 C pe-65795 C peb 2081 isdn-s/t 1:2 pe-64995 pe-68995 pe-68975 pe-65495 C pe-65795 C peb 2084 isdn-s/t 1:2 pe-64995 pe-68995 pe-68975 pe-65495 C pe-65795 C peb 2085 isdn-s 1:2 pe-64995 pe-68995 pe-68975 pe-65495 C pe-65795 C peb 2086 isdn-s 1:2 pe-64995 pe-68995 pe-68975 pe-65495 C pe-65795 C psb 2186 isdn-s/t 1:2 pe-64995 pe-68995 pe-68975 pe-65495 C pe-65795 C peb 2091 isdn-u 1.65:1 pe-65575 pe-68669 C C C C C peb 2091 isdn-u echo cancellation pe-36005 C C C pe-36005w C C peb 2095 isdn-u p0 1.25:1 PE-65378 C C C pe-68616 C C psb 2196 isdn-u pn 2:1 C C C C pe-68617 C C peb 2254 t1/cept/pri 1ct:1.41ct C pe-68788 C C pe-68786 pe-68887
12220 w orld trade drive, san diego , california 92128 ? tel 619-674-8100 ? f ax 619-674-8262 ? http://www .pulseeng.com t609.a (5/96) 2 t1/cept/isdn-pri transformers char acter istics matched to siemens tr ansceiv er chips dual and single models a v ailab le extended and standard temper ature r ange models a v ailab le surf ace mount and through hole models ic xmit transformer rcv 4-line high freq choke transformer ic rcv xmit 4-line high freq choke typical t1/cept application common mode chokes designed f or 2-wire and 4-wire digital links models f or emi reduction and impro v - ing balance in isdn s applications lo w frequency models eff ectiv e from 100 khz to 50 mhz high frequency models eff ectiv e from 1 mhz to 300 mhz bh an is in hc la sh-4 sh-3 p ar t number t ype mounting t ur ns ra tio inductance oper a ting isola tion p ac ka g e da ta sheet t emp rang e v olta g e pe-68786 dual xfmr smt 1ct :1.41ct&1ct :1.41ct 1.0 mh min 0c to +70c 1500 vr ms bh t608 pe-68887 dual xfmr smt 1ct :1.41ct&1ct :1.41ct 0.8 mh min -40c to +85c 1500 vr ms an t608 pe-68788 single xfmr tht 1ct :1.41ct 1.2 mh min -40c to +85c 3000 vr ms is t608
t609.a (5/96) 12220 w orld trade drive, san diego , california 92128 ? tel 619-674-8100 ? f ax 619-674-8262 ? http://www .pulseeng.com 3 isdn s-interf a ce transformers char acter istics matched to siemens tr ansceiv er chips designed to meet la y er 1 requirements of itu i.430 saf ety agency appro v als per en 41003/ en 60950 and ul 1459 excellent longitudinal balance ic xmit sec : pri rcv 4-line high freq choke ic r c v xmit 4-line low freq choke 4-line low freq choke 4-line high freq choke typical isdn s-interf ace applica tion local power dc supply pri : sec nt te sec : pri pri : sec common mode chok es sc is wd vc id p ar t number t ype mounting t ur ns ra tio inductance d i dc max isola tion v olta g e p ac ka g e da ta sheet pe-64995 single xfmr tht -horz 1ct :2ct 22 mh min 1 ma 2000 vr ms is t604 pe-65495 dual xfmr tht -horz 1cs:2cs & 1cs:2cs 22 mh min 1 ma 2000 vr ms id t604 pe-65795 dual xfmr smt -horz 1cs:2cs & 1cs:2cs 22 mh min 1 ma 2000 vr ms sc t604 pe-68975 single xfmr tht -v er t 1cs:2 22 mh min 1 ma 2000 vr ms vc t609 pe-68995 single xfmr tht -horz 1cs:2 22 mh min 5 ma 3000 vr ms wd t604 number p eak common isola tion p ar t number of lines mounting inductance mode attentua tion a pplica tion v olta g e p ac ka g e da ta sheet lo w frequenc y chokes pe-65853 4-line smt 4.7 mh 30% 1 mhz impro v e balance 500 vr ms p a-2 t604 pe-65950 4-line tht -horz 4.7 mh 30% 1 mhz impro v e balance 500 vr ms is t604 pe-68613 4-line tht -v er t 4.7 mh 30% 1 mhz impro v e balance 500 vr ms vc t604 high frequenc y chokes pe-65554 4-line tht 24 h min 30 mhz emi reduction 500 vr ms in t604 pe-65854 4-line smt 47 h min 30 mhz emi reduction 500 vr ms sh-4 t604 pe-65857 4-line smt 22.5 h min 30 mhz emi reduction 500 vr ms la t604 pe-65944 2-line tht 24 h min 30 mhz emi reduction 500 vr ms hc g002 pe-68624 2-line smt 47 h min 30 mhz emi reduction 500 vr ms sh-3 g002
12220 w orld trade drive, san diego , california 92128 ? tel 619-674-8100 ? f ax 619-674-8262 ? http://www .pulseeng.com t609.a (5/96) 4 isdn u-interf a ce transformers f or isdn u-interf ace 2b1q applications char acter istics matched to siemens tr ansceiv er chips meets k e y par ameters of ansi t1-601-1992 space sa vings echo cancellation hybr id a v ailab le 619 619 1 2 3 4 681 3.01 k 10 k 10 k 10 k 23.3 10 k 5 4 1 1 12 10 nf 9 10 7 5 6 7 10 nf 10 nf a-out b-in a-in b-out 6.8 nf peb 2091 pe-36005/pe-36005w pe-65575 or pe-68669 23.3 8 typical isdn u-interf ace applica tion echo cancellation hybrid t ransformer 2-line high freq choke notes 1. the pur pose of the t609 data sheet is to ser v e as a selection guide f or pulse products matched to siemens telecom tr ansceiv er chips . f or complete electr ical, mechanical and saf ety inf or mation, request the data sheet listed ne xt to the par t n umber . the data sheets can be requested through an y pulse location w or ldwide , author iz ed distr ib utors , the web site or through the quic k-f acts system. please see the bac k page f or more inf or mation. 2. in this catalog, tur ns r atio is e xpressed as pr imar y:secondar y. the ter m ct designates a cen - ter tapped winding. the ter m cs designates a split center tap winding. a center tapped winding can be created b y connecting tw o ends of a split center wind - ing together on the pr inted circuit board. in isdn s applications , the pr imar y winding is the line side tr ans - f or mer winding. 3. standard pac kaging f or the chok es and tr ansf or mers listed in this catalog is anti-static tubes . optional anti- static tr a y pac kaging can be ordered f or the surf ace mount sc and la pac kages b y adding an r suffix to the par t n umber , (ie: pe-65795r). optional tape and reel pac kaging can be ordered f or surf ace mount pac kages b y adding a t suffix to the par t n umber , (ie: pe-65795t). see t ab le a f or more inf or mation. dp-14sm dp-14th iu-3 p ar t number mounting recei v e t ur ns ra tio inductance d i dc max isola tion v olta g e p ac ka g e da ta sheet pe-65575 tht 1.65cs:1ct 13 mh-18 mh 50 ma 2000 vr ms iu-3 t603 pe-68669 tht 1.65cs:1ct 13 mh-18 mh 50 ma 3000 vr ms iu-3 t603 p ar t number t ype mounting p ac ka g e da ta sheet pe-36005 echo cancellation hybr id tht dp-14 th t603 pe-36005w echo cancellation hybr id smt dp-14 sm t603
12220 w orld trade drive, san diego , california 92128 ? tel 619-674-8100 ? f ax 619-674-8262 ? http://www .pulseeng.com t609.a (5/96) 5 1 6 3 8 10 5 d isdn u p0 and isdn u pn transformers char acter istics matched to siemens tr ansceiv er chips a v ailab le in surf ace mount and through hole pac kages pe-68975 is electr ically equiv alent to pe-64995 .750 max 19,05 1 2 3 4 8 7 6 5 pe-xxxxx date code country of origin .130 .010 3,30 0,25 .200 5,08 .470 max 1 1,94 .750 max 19,05 .600 15,24 .600 15,24 c l c l .400 max 10,16 1 3 5 10 8 6 pe-xxxxx date code country of origin .1 15 .010 2,92 0,25 c l c l .500 max 12,70 .505 max 12,83 .400 10,16 .300 7,62 .200 5,08 mec hanicals sc hema tics sa-1 vc-1 dimensions: inches mm unless otherwise specified all toler ances are . 010 0,25 8 5 1 4 2 3 7 6 a electr ical specif ica tions @ 25c oper a ting t emper a tur e 0c to 70c vc sa p a-2 see page 1 f or pac kaging inf or mation. inductance isolation d i dc primar y p ar t number t ype mounting t urns ratio (mh) dcr pri dcr sec (vrms min) max pins p ac ka g e isdn u p0 and isdn u pn t ransf ormer s PE-65378 single xfmr tht 1.25cs:1cs 4.2 10% 2.9 max 2.4 w max 1500 80 ma 1-4 sa-1/a pe-68616 single xfmr smt 1cs:1.25 1.7 min 1.6 max 2.4 w max 1500 60 ma 1-5 p a-2/b pe-68617 single xfmr smt 1cs:2 1.7 min 4.2 max 8.0 w max 1500 100 ma 6-10 p a-2/c isdn s t ransf ormer pe-68975 single xfmr tht -v er t 1cs:2 22 min 2.5 25% w 5.0 +25% w 2000 1 ma 1-6 vc-1/d
6 t609.a (5/96) f or mor e inf or ma tion : corporate 12220 w or ld t r ade dr iv e san diego , ca 92128 t el: 619 674 8100 f ax: 619 674 8262 http://www .pulseeng.com quic k f acts: 619 674 9672 eur ope dunmore road t uam county galw a y ireland t el: 353 93 24107 f ax: 353 93 24459 asia bloc k 3027 ubi road 1 #03-120 singapore 408720 t el: 65 741 5227 f ax: 65 741 3013 distrib utor p erf or mance w arr anty of products off ered on this data sheet is limited to the par ameters specified. data is subject to change without notice . pr inted on recycled paper . ?1996, pulse engineer ing, inc. quic k-f acts (u .s . only) t o pro vide y ou with 24-hour ser vice , pulse has introduced quic k-f acts, a con v enient method to f ax to y ou the latest complete data sheets from pulse . j ust dial: 619-674-9672 when prompted b y quic k-f acts: ? enter 1001 f or a men u of a v ailab le documents ? enter 1002 f or the product inde x w orld wide w eb f or the most current product inf or mation, please visit our w eb site: http://www .pulseeng.com .030 0,76 .600 15,24 .200 5,08 .072 1,83 .100 2,54 pe-xxxxx date code country of origin 10 6 1 5 .550 max 13,97 .720 max 18,29 .530 max 13,46 .040 / .050 1,01 / 1,27 .010 / .020 0,25 / 0,51 .390 max 9,91 suggested p ad la yout .400 10,16 .760 19,30 .520 13,20 .100 2,54 .200 5,08 .120 typ 3,05 .050 typ 1,30 .004/0,10 dimensions: inches mm unless otherwise specified all toler ances are . 010 0,25 mec hanicals sc hema tics p a-2 isdn u p0 and o ther transformers 6 10 5 1 2 4 b 4 2 c 6 10 9 7 see page 1 f or pac kaging inf or mation.


▲Up To Search▲   

 
Price & Availability of PE-65378

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X